データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

dsPIC30F2011 データシート(PDF) 78 Page - Microchip Technology

部品番号 dsPIC30F2011
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC30F2011 データシート(HTML) 78 Page - Microchip Technology

Back Button dsPIC30F2011 Datasheet HTML 74Page - Microchip Technology dsPIC30F2011 Datasheet HTML 75Page - Microchip Technology dsPIC30F2011 Datasheet HTML 76Page - Microchip Technology dsPIC30F2011 Datasheet HTML 77Page - Microchip Technology dsPIC30F2011 Datasheet HTML 78Page - Microchip Technology dsPIC30F2011 Datasheet HTML 79Page - Microchip Technology dsPIC30F2011 Datasheet HTML 80Page - Microchip Technology dsPIC30F2011 Datasheet HTML 81Page - Microchip Technology dsPIC30F2011 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 206 page
background image
dsPIC30F2011/2012/3012/3013
DS70139F-page 78
© 2008 Microchip Technology Inc.
FIGURE 10-1:
32-BIT TIMER2/3 BLOCK DIAGRAM
TMR3
TMR2
T3IF
Equal
Comparator x 32
PR3
PR2
Reset
LSB
MSB
Event Flag
Note:
Timer Configuration bit T32 (T2CON<3>) must be set to ‘
1’ for a 32-bit timer/counter operation. All control
bits are respective to the T2CON register.
Data Bus<15:0>
Read TMR2
Write TMR2
16
16
16
Q
QD
CK
TGATE (T2CON<6>)
(T2CON<6>)
TGATE
0
1
TON
TCKPS<1:0>
2
TCY
1 x
0 1
0 0
Gate
T2CK
Sync
ADC Event Trigger
Sync
TMR3HLD
Prescaler
1, 8, 64, 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More