データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

dsPIC30F2011 データシート(PDF) 11 Page - Microchip Technology

部品番号 dsPIC30F2011
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC30F2011 データシート(HTML) 11 Page - Microchip Technology

Back Button dsPIC30F2011 Datasheet HTML 7Page - Microchip Technology dsPIC30F2011 Datasheet HTML 8Page - Microchip Technology dsPIC30F2011 Datasheet HTML 9Page - Microchip Technology dsPIC30F2011 Datasheet HTML 10Page - Microchip Technology dsPIC30F2011 Datasheet HTML 11Page - Microchip Technology dsPIC30F2011 Datasheet HTML 12Page - Microchip Technology dsPIC30F2011 Datasheet HTML 13Page - Microchip Technology dsPIC30F2011 Datasheet HTML 14Page - Microchip Technology dsPIC30F2011 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 206 page
background image
© 2008 Microchip Technology Inc.
DS70139F-page 11
dsPIC30F2011/2012/3012/3013
1.0
DEVICE OVERVIEW
This data sheet contains information specific to the
dsPIC30F2011, dsPIC30F2012, dsPIC30F3012 and
dsPIC30F3013 Digital Signal Controllers (DSC). These
devices contain extensive Digital Signal Processor
(DSP) functionality within a high-performance 16-bit
microcontroller (MCU) architecture.
The following block diagrams depict the architecture for
these devices:
• Figure 1-1 illustrates the dsPIC30F2011
• Figure 1-2 illustrates the dsPIC30F2012
• Figure 1-3 illustrates the dsPIC30F3012
• Figure 1-4 illustrates the dsPIC30F3013
Following the block diagrams, Table 1-1 relates the I/O
functions to pinout information.
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals, register descriptions and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “dsPIC30F/33F Programmer’s
Reference Manual” (DS70157).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More