データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNY264 データシート(PDF) 8 Page - Power Integrations, Inc.

部品番号 TNY264
部品情報  Enhanced, Energy Efficient, Low Power Off-line Switcher
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264 データシート(HTML) 8 Page - Power Integrations, Inc.

Back Button TNY264 Datasheet HTML 4Page - Power Integrations, Inc. TNY264 Datasheet HTML 5Page - Power Integrations, Inc. TNY264 Datasheet HTML 6Page - Power Integrations, Inc. TNY264 Datasheet HTML 7Page - Power Integrations, Inc. TNY264 Datasheet HTML 8Page - Power Integrations, Inc. TNY264 Datasheet HTML 9Page - Power Integrations, Inc. TNY264 Datasheet HTML 10Page - Power Integrations, Inc. TNY264 Datasheet HTML 11Page - Power Integrations, Inc. TNY264 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
B
7/01
TNY264/266-268
2.5 W CV/CC Cell-Phone Charger
As an example, Figure 14 shows a TNY264 based 5 V, 0.5 A,
cellular phone charger operating over a universal input range
(85-265 VAC). The inductor (L1) forms a
π-filterinconjunction
with C1 and C2. The resistor R1 damps resonances in the
inductor L1. Frequency jittering operation of TinySwitch-II
allows the use of a simple
π-filterdescribedaboveincombination
with a single low value Y1-capacitor (C8) to meet worldwide
conducted EMI standards. The addition of a shield winding in
the transformer allows conducted EMI to be met even with the
output capacitively earthed (which is the worst case condition
for EMI). The diode D6, capacitor C3 and resistor R2 comprise
the clamp circuit, limiting the leakage inductance turn-off
voltage spike on the TinySwitch-II DRAIN pin to a safe value.
The output voltage is determined by the sum of the optocoupler
U2 LED forward drop (~1 V), and Zener diode VR1 voltage.
Resistor R8 maintains a bias current through the Zener diode to
ensure it is operated close to the Zener test current.
A simple constant current circuit is implemented using the V
BE
of transistor Q1 to sense the voltage across the current sense
resistor R4. When the drop across R4 exceeds the V
BE of
transistor Q1, it turns on and takes over control of the loop by
driving the optocoupler LED. Resistor R6 assures sufficient
voltage to keep the control loop in operation down to zero volts
at the output. With the output shorted, the drop across R4 and
R6 (~1.2 V) is sufficient to keep the Q1 and LED circuit active.
Resistors R7 and R9 limit the forward current that could be
drawn through VR1 by Q1 under output short circuit conditions,
due to the voltage drop across R4 and R6.
10 and 15 W PC Standby Circuits
Figures 15 and 16 show examples of circuits for PC standby
applications. They both provide two outputs: an isolated 5 V
and a 12V primary referenced output. The first, using TNY266P,
provides 10W, and the second, using TNY267P, 15 W of
output power. Both operate from an input range of 140 to
375VDC, corresponding to a 230 VAC or 100/115 VAC with
doubler input. The designs take advantage of the line under-
voltage detect, auto-restart and higher switching frequency of
TinySwitch-II. Operation at 132 kHz allows the use of a smaller
and lower cost transformer core, EE16 for 10 W and EE22 for
15 W. The removal of pin 6 from the 8 pin DIP TinySwitch-II
packages provides a large creepage distance which improves
reliability in high pollution environments such as fan cooled
PC power supplies.
Capacitor C1 provides high frequency decoupling of the high
voltage DC supply, only necessary if there is a long trace length
from the DC bulk capacitors of the main supply. The line sense
resistors R2 and R3 sense the DC input voltage for line under-
voltage. When the AC is turned off, the under-voltage detect
feature of the TinySwitch-II prevents auto-restart glitches at the
output caused by the slow discharge of large storage capacitance
in the main converter. This is achieved by preventing the
TinySwitch-II from switching when the input voltage goes
below a level needed to maintain output regulation, and keeping
it off until the input voltage goes above the under-voltage
threshold, when the AC is turned on again. With R2 and R3,
giving a combined value of 4 M
Ω, the power up under-voltage
threshold is set at 200 VDC, slightly below the lowest required
operating DC input voltage, for start-up at 170 VAC, with
doubler. This feature saves several components needed to
implement the glitch-free turn-off compared with discrete or
TOPSwitch-II based designs. During turn-on the rectified DC
input voltage needs to exceed 200 V under-voltage threshold
for the power supply to start operation. But, once the power
supply is on it will continue to operate down to 140 V rectified
DC input voltage to provide the required hold up time for the
standby output.
The auxiliary primary side winding is rectified and filtered by
D2 and C2 to create a 12 V primary bias output voltage for the
main power supply primary controller. In addition, this voltage
is used to power the TinySwitch-II via R4. Although not
necessary for operation, supplying the TinySwitch-II externally
reduces the device quiescent dissipation by disabling the internal
drain derived current source normally used to keep the BYPASS
pin capacitor (C3) charged. An R4 value of 10 k
Ω provides
600
µA into the BYPASS pin, which is slightly in excess of the
current consumption of TinySwitch-II. The excess current is
safely clamped by an on-chip active Zener diode to 6.3 V.
The secondary winding is rectified and filtered by D3 and C6.
For a 15W design an additional output capacitor, C7, is
required due to the larger secondary ripple currents compared
to the 10W PC standby design. The auto-restart function limits
output current during short circuit conditions, removing the
need to over rate D3. Switching noise filtering is provided by L1
and C8. The 5V output is sensed by U2 and VR1. R5 is used to
ensure that the Zener diode is biased at its test current.
The Zener regulation method provides sufficient accuracy (typ.
± 3%). This is possible because TinySwitch-II limits the
dynamic range of the optocoupler LED current, allowing the
Zener diode to operate at near constant bias current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com