データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNY264 データシート(PDF) 13 Page - Power Integrations, Inc.

部品番号 TNY264
部品情報  Enhanced, Energy Efficient, Low Power Off-line Switcher
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264 データシート(HTML) 13 Page - Power Integrations, Inc.

Back Button TNY264 Datasheet HTML 9Page - Power Integrations, Inc. TNY264 Datasheet HTML 10Page - Power Integrations, Inc. TNY264 Datasheet HTML 11Page - Power Integrations, Inc. TNY264 Datasheet HTML 12Page - Power Integrations, Inc. TNY264 Datasheet HTML 13Page - Power Integrations, Inc. TNY264 Datasheet HTML 14Page - Power Integrations, Inc. TNY264 Datasheet HTML 15Page - Power Integrations, Inc. TNY264 Datasheet HTML 16Page - Power Integrations, Inc. TNY264 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
B
7/01
TNY264/266-268
BYPASS Voltage .......................................... -0.3 V to 9 V
Storage Temperature ..................................... -65 to 150
°C
Operating Junction Temperature(2) ................ -40 to 150
°C
Lead Temperature(3) ................................................ 260
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16" from case for 5 seconds.
ABSOLUTE MAXIMUM RATINGS(1)
DRAIN Voltage ....................................... - 0.3 V to 700 V
Peak DRAIN Current (TNY264) ........................... 400 mA
Peak DRAIN Current (TNY266) ........................... 560 mA
Peak DRAIN Current (TNY267) ........................... 720 mA
Peak DRAIN Current (TNY268) ........................... 880 mA
EN/UV Voltage ............................................ - 0.3 V to 9 V
EN/UV Current ......................................................100 mA
CONTROL FUNCTIONS
Output
Frequency
Maximum
Duty Cycle
EN/UV Pin Turnoff
Threshold Current
EN/UV Pin
Voltage
DRAIN
Supply Current
BYPASS Pin
Charge Current
BYPASS Pin
Voltage
BYPASS Pin
Voltage Hysteresis
kHz
%
µA
V
µA
µA
mA
V
Min
Typ
Max
f
OSC
DC
MAX
I
DIS
V
EN
I
S1
I
S2
I
CH1
I
CH2
V
BP
V
BPH
Parameter
Symbol
(Unless Otherwise Specified)
See Figure 18
Conditions
170
225
270
-7.5
-4.6
-2.5
T
J = 25 °C
See Figure 4
Units
SOURCE = 0 V
; T
J = -40 to 125 °C
62
65
68
T
J = -40
°C to 125 °C
V
BP = 0 V,
T
J = 25
°C
See Note C, D
320
430
500
Average
Peak-Peak Jitter
124
132
140
8
-300
-240
-170
0.4
1.0
1.5
-4.5
-3.0
-1.5
Notes:
1. Measured on the SOURCE pin close to plastic interface.
2. Soldered to 0.36 sq. inch (232 mm2), 2oz. (610 gm/m2) copper clad.
3. Soldered to 1 sq. inch (645 mm2), 2oz. (610 gm/m2) copper clad.
S1 Open
I
EN/UV = -125 µA
V
EN/UV = 0 V
V
BP = 4 V,
T
J = 25 °C
See Note C, D
I
EN/UV = 25 µA
THERMAL IMPEDANCE
1.3
2.3
2.7
200
265
320
240
315
380
285
380
460
TNY264
TNY266
TNY267
5.6
5.85
6.15
0.80
0.95
1.20
See Note C
TNY268
V
Thermal Impedance: P/G Package:
(
θ
JA) ........ 45 °C/W
(2); 35
°C/W(3)
(
θ
JC)
(1) .......................... 11
°C/W
EN/UV Open
(MOSFET
Switching)
See Note A, B
-3.8
-2.0
-1.0
-5.5
-3.3
-1.8
TNY264
TNY266-268
TNY264
TNY266-268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com