| データシートサーチシステム |
|
ADT7461ARMZ-R7 データシート(PDF) 19 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADT7461ARMZ-R7 データシート(HTML) 19 Page - ON Semiconductor |
|
19 / 20 page ![]() ADT7461 http://onsemi.com 19 PACKAGE DIMENSIONS SEATING PLANE 1 4 5 8 N J X 45 _ K NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751−01 THRU 751−06 ARE OBSOLETE. NEW STANDARD IS 751−07. A B S D H C 0.10 (0.004) DIM A MIN MAX MIN MAX INCHES 4.80 5.00 0.189 0.197 MILLIMETERS B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.053 0.069 D 0.33 0.51 0.013 0.020 G 1.27 BSC 0.050 BSC H 0.10 0.25 0.004 0.010 J 0.19 0.25 0.007 0.010 K 0.40 1.27 0.016 0.050 M 0 8 0 8 N 0.25 0.50 0.010 0.020 S 5.80 6.20 0.228 0.244 −X− −Y− G M Y M 0.25 (0.010) −Z− Y M 0.25 (0.010) Z S X S M __ __ 1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155 mm inches SCALE 6:1 *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOLDERING FOOTPRINT* SOIC−8 NB CASE 751−07 ISSUE AJ |