| データシートサーチシステム |
|
ADT7461ARMZ-R7 データシート(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADT7461ARMZ-R7 データシート(HTML) 2 Page - ON Semiconductor |
|
2 / 20 page ![]() ADT7461 http://onsemi.com 2 Figure 1. Functional Block Diagram SCLK SDATA GND VDD 6 4 ADDRESS POINTER REGISTER LOCAL TEMPERATURE LOW LIMIT REGISTER LOCAL TEMPERATURE HIGH LIMIT REGISTER REMOTE TEMPERATURE LOW LIMIT REGISTER REMOTE TEMPERATURE HIGH LIMIT REGISTER LOCAL TEMPERATURE VALUE REGISTER REMOTE TEMPERATURE VALUE REGISTER ADC ANALOG MUX ON−CHIP TEMPERATURE SENSOR RUN/STANDBY BUSY REMOTE OFFSET REGISTER EXTERNAL DIODE OPEN−CIRCUIT ADT7461 STATUS REGISTER SMBus INTERFACE LOCAL THERM LIMIT REGISTER EXTERNAL THERM LIMIT REGISTER CONFIGURATION REGISTER INTERRUPT MASKING 7 5 1 8 THERM ALERT/ THERM2 D+ D– SRC BLOCK 2 3 CONVERSION RATE REGISTER ABSOLUTE MAXIMUM RATINGS Parameter Rating Unit Positive Supply Voltage (VDD) to GND −0.3, +5.5 V D+ −0.3 to VDD + 0.3 V D− to GND −0.3 to +0.6 V SCLK, SDATA, ALERT −0.3 to +5.5 V THERM −0.3 to VDD + 0.3 V Input Current, SDATA, THERM −1, +50 mA Input Current, D− ±1 mA ESD Rating, All Pins (Human Body Model) 2000 V Maximum Junction Temperature (TJ Max) 150 °C Storage Temperature Range −65 to +150 °C IR Reflow Peak Temperature 220 °C IR Reflow Peak Temperature for Pb−Free 260 (±0.5) °C Lead Temperature (Soldering 10 sec) 300 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. NOTE: This device is ESD sensitive. Use standard ESD precautions when handling. THERMAL CHARACTERISTICS Package Type qJA Unit 8−Lead SOIC−N Package 121 °C/W 8−Lead MSOP Package 142 °C/W |