| データシートサーチシステム |
|
M24C04-RBN3TP/S データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C04-RBN3TP/S データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 39 page ![]() April 2010 Doc ID 5067 Rev 16 1/39 1 M24C16, M24C08 M24C04, M24C02, M24C01 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM Features ■ Supports both the 100 kHz I2C Standard-mode and the 400 kHz I2C Fast-mode ■ Single supply voltage: – 2.5 V to 5.5 V for M24Cxx-W – 1.8 V to 5.5 V for M24Cxx-Rev 16 – 1.7 V to 5.5 V for M24Cxx-F ■ Write Control input ■ Byte and Page Write (up to 16 bytes) ■ Random and Sequential Read modes ■ Self-timed programming cycle ■ Automatic address incrementing ■ Enhanced ESD/latch-up protection ■ More than 1 million write cycles ■ More than 40-year data retention ■ Packages: – SO8, TSSOP8, UFDFPN8: ECOPACK2® (RoHS-compliant and Halogen-free) – PDIP8: ECOPACK1® (RoHS-compliant) 1. Only M24C08-F and M24C16-F devices are offered in the WLCSP package. 2. Only M24C08-F devices are offered in the Thin WLCSP package. Table 1. Device summary Reference Part number M24C16 M24C16-W M24C16-R M24C16-F M24C08 M24C08-W M24C08-R M24C08-F M24C04 M24C04-W M24C04-R M24C04-F M24C02 M24C02-W M24C02-R M24C01 M24C01-W M24C01-R PDIP8 (BN) SO8 (MN) 150 mils width TSSOP8 (DW) 169 mils width UFDFPN8 (MB, MC) 2 × 3 mm (MLP) WLCSP (CS)(1) Thin WLCSP (CT)(2) www.st.com |
同様の部品番号 - M24C04-RBN3TP/S |
|
同様の説明 - M24C04-RBN3TP/S |