| データシートサーチシステム |
|
M24C04-RBN3TP/S データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C04-RBN3TP/S データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 39 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 DC and AC parameters Doc ID 5067 Rev 16 21/39 Table 11. DC characteristics (M24Cxx-R) Symbol Parameter Test condition (in addition to those in Table 7) Min. Max. Unit ILI Input leakage current (SCL, SDA, E0, E1,and E2) VIN = VSS or VCC, device in Standby mode ± 2 µA ILO Output leakage current SDA in Hi-Z, external voltage applied on SDA: VSS or VCC ± 2 µA ICC Supply current VCC = 1.8 V, fc= 400 kHz (rise/fall time < 50 ns) 0.8 mA ICC1 Standby supply current Device not selected(1), VIN = VSS or VCC, VCC = 1.8 V 1. The device is not selected after a power-up, after a read command (after the Stop condition), or after the completion of the internal write cycle tW (tW is triggered by the correct decoding of a write command). 1µA VIL Input low voltage (SDA, SCL, WC) 2.5 V ≤ VCC –0.45 0.3 VCC V 1.8 V ≤VCC < 2.5 V –0.45 0.25 VCC V VIH Input high voltage (SDA, SCL, WC) 0.7VCC VCC+1 V VOL Output low voltage IOL = 0.7 mA, VCC = 1.8 V 0.2 V |