| データシートサーチシステム |
|
M24C01-FBN5TP/S データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-FBN5TP/S データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 39 page ![]() Part numbering M24C16, M24C08, M24C04, M24C02, M24C01 32/39 Doc ID 5067 Rev 16 8 Part numbering For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact your nearest ST sales office. Table 24. Ordering information scheme Example: M24C16 – W DW 3 T P /S Device type M24 = I2C serial access EEPROM Device Function 16 = 16 Kbit (2048 x 8) 08 = 8 Kbit (1024 x 8) 04 = 4 Kbit (512 x 8) 02 = 2 Kbit (256 x 8) 01 = 1 Kbit (128 x 8) Operating voltage W = VCC = 2.5 V to 5.5 V (400 kHz) R = VCC = 1.8 V to 5.5 V (400 kHz) F = VCC = 1.7 V to 5.5 V (400 kHz) Package BN = PDIP8 MN = SO8 (150 mil width) MB or MC= UFDFPN8 (MLP8) DW = TSSOP8 (169 mil width) CS = WLCSP(1) (Chip scale package) 1. Only M24C08 and M24C16 devices are offered in the WLCSP package. CT = Thin WLCSP(2) (Chip scale package) 2. Only M24C08-F devices are offered in the Thin WLCSP package. Device grade 6 = Industrial: device tested with standard test flow over –40 to 85 °C 3 = Automotive: device tested with high reliability certified flow(3) over –40 to 125 °C 3. ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The High Reliability Certified Flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy. 5 = Consumer: device tested with standard test flow over –20 to 85 °C. Option T = Tape and reel packing Plating technology P or G = ECOPACK® (RoHS compliant) Process(4) 4. Used only for device grade 3. /S = F6SP36% |