| データシートサーチシステム |
|
M24C01-FBN5TP/S データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-FBN5TP/S データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 39 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 Part numbering Doc ID 5067 Rev 16 33/39 Table 25. Available M24C16 products (package, voltage range, temperature grade) Package M24C16-W VCC = 2.5 V to 5.5 V M24C16-R VCC = 1.8 V to 5.5 V M24C16-F VCC = 1.7 V to 5.5 V DIP8 (BN) Range 6 Range 6 - SO8N (MN) Range 6, Range 3 Range 6 - UFDFPN8 (MB) - Range 6 Range 5 UFDFPN8 (MC) - Range 6 - TSSOP8 (DW) Range 6, Range 3 Range 6 - WLCSP (CS) - - Range 5 Table 26. Available M24C08 products (package, voltage range, temperature grade) Package M24C08-W VCC = 2.5 V to 5.5 V M24C08-R VCC = 1.8 V to 5.5 V M24C08-F VCC = 1.7 V to 5.5 V DIP8 (BN) Range 6 - - SO8N (MN) Range 6, Range 3 Range 6 - UFDFPN8 (MB) - Range 6 Range 5 UFDFPN8 (MC) - Range 6 Range 5 TSSOP8 (DW) Range 6 Range 6 - WLCSP (CS) - - Range 5 Thin WLCSP (CT) - - Range 5 Table 27. Available M24C04 products (package, voltage range, temperature grade) Package M24C04-W VCC = 2.5 V to 5.5 V M24C04-R VCC = 1.8 V to 5.5 V M24C04-F VCC = 1.7 V to 5.5 V DIP8 (BN) Range 6 - - SO8N (MN) Range 6, Range 3 Range 6 - UFDFPN8 (MB) - Range 6 Range 5 UFDFPN8 (MC) - Range 6 Range 5 TSSOP8 (DW) Range 6, Range 3 Range 6 - |