| データシートサーチシステム |
|
AT91SAM7SE512 データシート(PDF) 34 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7SE512 データシート(HTML) 34 Page - ATMEL Corporation |
|
34 / 47 page ![]() 34 6222ES–ATARM–15-Dec-09 AT91SAM7SE512/256/32 Preliminary • Synchronous output, provides Set and Clear of several I/O lines in a single write 9.10 Voltage Regulator Controller The purpose of this controller is to select the Power Mode of the Voltage Regulator between Normal Mode (bit 0 is cleared) or Standby Mode (bit 0 is set). |