| データシートサーチシステム |
|
AT91SAM7SE512 データシート(PDF) 39 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7SE512 データシート(HTML) 39 Page - ATMEL Corporation |
|
39 / 47 page ![]() 39 6222ES–ATARM–15-Dec-09 AT91SAM7SE512/256/32 Preliminary Summary 10.6 PIO Controller C Multiplexing 10.7 Serial Peripheral Interface • Supports communication with external serial devices – Four chip selects with external decoder allow communication with up to 15 peripherals – Serial memories, such as DataFlash ® and 3-wire EEPROMs – Serial peripherals, such as ADCs, DACs, LCD Controllers, CAN Controllers and Sensors – External co-processors • Master or slave serial peripheral bus interface Multiplexing on PIO Controller C PIO Controller C Application Usage I/O Line Peripheral A Peripheral B Comments Function Comments PC0 D0 PC1 D1 PC2 D2 PC3 D3 PC4 D4 PC5 D5 PC6 D6 PC7 D7 PC8 D8 RTS1 PC9 D9 DTR1 PC10 D10 PCK0 PC11 D11 PCK1 PC12 D12 PCK2 PC13 D13 PC14 D14 NPCS1 PC15 D15 NCS3/NANDCS PC16 A18 NWAIT PC17 A19 NANDOE PC18 A20 NANDWE PC19 A21/NANDALE PC20 A22/REG/NANDCLE NCS7 PC21 NWR0/NWE/CFWE PC22 NRD/CFOE PC23 CFRNW NCS0 |