| データシートサーチシステム |
|
FS403LF データシート(PDF) 31 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS403LF データシート(HTML) 31 Page - List of Unclassifed Manufacturers |
|
31 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 31 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 4.5.4 ILS - Input Lines Stored Input Lines Stored Low (6) 7 6 5 4 3 2 1 0 ILS7 ILS6 ILS5 ILS4 ILS3 ILS2 ILS1 ILS0 Input Lines Stored High (7) 7 6 5 4 3 2 1 0 0 0 0 0 0 0 ILS9 ILS8 Register Bit# Bit Name Description 7, 6 1-0, 7-0 ILS9-0 Input lines stored bits [9:0]. Number of incoming lines per field to be stored in the Frame Store Memory following extraction from the incoming active video area. Range: {0 : [(IVC - 1)]} Restrictions: 1. At all times: 2. NTSC : ILS + 2*OVO < 525 3. PAL: ILS + 2*OVO < 625 ⎟ ⎟ ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎜ ⎜ ⎝ ⎛ − − < 64 1 1 VSC IVC ILS |