| データシートサーチシステム |
|
FS403LF データシート(PDF) 44 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS403LF データシート(HTML) 44 Page - List of Unclassifed Manufacturers |
|
44 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 44 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 4.5.17 OHO - Output Horizontal Offset Output Horizontal Offset Low (20) 7 6 5 4 3 2 1 0 OHO7 OHO6 OHO5 OHO4 OHO3 OHO2 OHO1 OHO0 Output Horizontal Offset High (21) 7 6 5 4 3 2 1 0 0 0 0 0 0 OHO10 OHO9 OHO8 Register Bit# Bit Name Description 21, 20 10-0 OHO10-0 Output horizontal offset [10:0]. Horizontal displacement of the outgoing active video area image in pixels from the leading edge of outgoing horizontal sync. Range: NTSC: {126,[ 454]} PAL: {177, [ 566]} Restrictions: 1. IHAW < IHS-1 2. NTSC: 3. Zoom NTSC: 4. PAL 5. Zoom PAL: 894 64 1 * < + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + OHO HSC IHAW 894 64 1 * * 2 < + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + OHO HSC IHAW 1125 64 1 * * 2 < + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + OHO HSC IHAW 1125 64 1 * * 2 < + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + OHO HSC IHAW |