データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PVAZ172NPBF データシート(PDF) 1 Page - International Rectifier

部品番号 PVAZ172NPBF
部品情報  Power MOSFET Photovoltaic Relay Single Pole, Normally Open
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVAZ172NPBF データシート(HTML) 1 Page - International Rectifier

  PVAZ172NPBF Datasheet HTML 1Page - International Rectifier PVAZ172NPBF Datasheet HTML 2Page - International Rectifier PVAZ172NPBF Datasheet HTML 3Page - International Rectifier PVAZ172NPBF Datasheet HTML 4Page - International Rectifier PVAZ172NPBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD 10040 revI
PVAZ172NPbF
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open
0-60V AC, 1.0A
General Description
The PVAZ172N Photovoltaic Relay is a single-pole,
normally open solid state relay that can replace
electromechanical relays used for general purpose
switching of DC and AC loads. It utilizes International
Rectifier’s HEXFET power MOSFETs as the output
switches, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch
is controlled by radiation from a GaAlAs light emit-
ting diode (LED) which is optically isolated from the
photovoltaic generator.
These units overcome the limitations of both electro-
mechanical and reed relays by offering the solid-state
advantages of high sensitivity, miniaturization, no
contact bounce, long operational life, insensitivity to
external magnetic fields, shock and vibration, and high
reliability inherent with solid state technology. They are
ideally suited for switching high currents or low level
signals without distortion or injection of electrical noise.
These relays are packaged in 8-pin, molded DIP pack-
ages and available with either thru-hole or surface-
mount (“gull-wing”) leads, in plastic shipping tubes.
Applications
Portable Electronics
Programmable Logic Controllers
Computers and Peripheral Devices
Audio Equipment
Power Supplies and Power Distribution
Instrumentation
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Part Identification
PVAZ172NPbF
PVAZ172NSPbF
PVAZ172NS-TPbF
thru-hole
surface-mount (gull-wing)
surface-mount, tape
and reel
Features
500mΩ On-Resistance
Bounce-Free Operation
1.0 Amp capacity
4,000 V
RMS I/O Isolation
Solid-State Reliability
UL recognized
ESD Tolerance:
4000V Human Body Model
500V Machine Model


同様の部品番号 - PVAZ172NPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF Datasheet
229Kb / 6P
Solid-State Reliability
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
Solid-State Reliability
More results

同様の説明 - PVAZ172NPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVDZ172N IRF-PVDZ172N Datasheet
137Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVA13N IRF-PVA13N Datasheet
87Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVD13N IRF-PVD13N Datasheet
98Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT322A IRF-PVT322A_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT312PBF IRF-PVT312PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVD13NPBF IRF-PVD13NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com