| データシートサーチシステム |
|
MB90F337 データシート(PDF) 38 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F337 データシート(HTML) 38 Page - fujitsu semiconductor |
|
38 / 48 page ![]() MB90335 Series 38 DS07-13735-6E Note : The rating of the input data set-up time in the device connected to the bus cannot be satisfied depending on the load capacitance or pull-up resistor. Be sure to adjust the pull-up resistor of SDA and SCL if the rating of the input data set-up time cannot be satisfied. SDA SCL 6 tcp •Note of SDA, SCL set-up time Input data set-up time SDA SCL tLOW tHDSTA tHDDAT tSUDAT tSUSTA tSUSTO tHDSTA tHIGH tBUS •Timing definition |