データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB90F337 データシート(PDF) 12 Page - fujitsu semiconductor

部品番号 MB90F337
部品情報  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [fujitsu semiconductor]
ホームページ  
Logo FUJITSU - fujitsu semiconductor

MB90F337 データシート(HTML) 12 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 8Page - fujitsu semiconductor MB90F337 Datasheet HTML 9Page - fujitsu semiconductor MB90F337 Datasheet HTML 10Page - fujitsu semiconductor MB90F337 Datasheet HTML 11Page - fujitsu semiconductor MB90F337 Datasheet HTML 12Page - fujitsu semiconductor MB90F337 Datasheet HTML 13Page - fujitsu semiconductor MB90F337 Datasheet HTML 14Page - fujitsu semiconductor MB90F337 Datasheet HTML 15Page - fujitsu semiconductor MB90F337 Datasheet HTML 16Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
MB90335 Series
12
DS07-13735-6E
■ BLOCK DIAGRAM
F2MC-16LX
CPU
RAM
ROM
UART/SIO
ch.0, ch.1
I2C
SIO
μDMAC
P00
P07
P10
P17
P20
P27
P40
P47
P50
P54
P60
P67
X0, X1
RST
MD0 to MD2
SIN0, SIN1
SOT0, SOT1
SCK0, SCK1
SCL0
SDA0
INT0 to INT7
DVP
DVM
HVP
HVM
HCON
UTEST
TOT0
TIN0
PPG0 to PPG3
PWC
SIN
SOT
SCK
* : Channel for use in 8-bit mode. 2 channels (ch.1, ch.3) are used in 16-bit mode.
Note : I/O ports share pins with peripheral function (resources) .
For details, refer to “
■ PIN ASSIGNMENT” and “■ PIN DESCRIPTION”.
Note also that pins used for peripheral function (resources) cannot serve as I/O ports.
16-bit reload
timer
External interrupt
16-bit PWC
8/16-bit PPG
timer
ch.0 to ch.3*
Clock control
circuit
Interrupt
controller
I/O port (port 0, 1, 2, 4, 5, 6)
USB
(function)
(HOST)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48