| データシートサーチシステム |
|
MB90F474LPFV データシート(PDF) 51 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F474LPFV データシート(HTML) 51 Page - fujitsu semiconductor |
|
51 / 118 page ![]() MB90470 Series 51 (1) 16-bit Free-run Timer The 16-bit free-run timer is composed of a 16-bit up-down counter and control register. The count value from this timer is used as the base timer for the input capture and output compare modules. • A selection of 8 clock types for counter operation is available. • Counter overflow interrupts can be generated. • By a mode setting, the counter can be initialized when the timer value matches the compare register value for the output compare module. • Register list Compare clear register (CPCLR) Timer counter data register (TCDT) Timer counter control/status register (TCCS) Default value 000067H XXXXXXXXB Default value 000066H XXXXXXXXB Default value 000063H 00000000B Default value 000062H 00000000B Default value 000065H 0--00000B Default value 000064H 00000000B 15 14 13 12 11 10 9 8 (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) CL14 CL15 CL13 CL12 CL11 CL10 CL09 CL08 76 5 4 3 2 1 0 (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) CL06 CL07 CL05 CL04 CL03 CL02 CL01 CL00 15 14 13 12 11 10 9 8 (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) T14 T15 T13 T12 T11 T10 T09 T08 76 5 4 3 2 1 0 (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) T06 T07 T05 T04 T03 T02 T01 T00 15 14 13 12 11 10 9 8 (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) ECKE MSI2 MSI1 MSI0 ICLR ICRE 76 5 4 3 2 1 0 (R/W)(R/W)(R/W)(R/W)(R/W)(R/W)(R/W)(R/W) IVFE IVF STOP MODE SCLR CLK2 CLK1 CLK0 |