| データシートサーチシステム |
|
MB90F474LPFV データシート(PDF) 69 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F474LPFV データシート(HTML) 69 Page - fujitsu semiconductor |
|
69 / 118 page ![]() MB90470 Series 69 (3) Clock Signal Supply Map 4 4 3 X0A X1A X0 HCLK MCLK UART I/O expansion serial interface 2 ch SCLK Clock selector PCLK X1 φ 12 34 PPG0, PPG1 PPG2, PPG3 PPG4, PPG5 TIN0 TOT0 SCK0, SIN0 SOT0 SCK1, SCK2, SOT1, SOT2 FRCK Clock generator ratio Peripheral function Watchdog timer 8/16-bit PPG timer 0 8/16-bit PPG timer 1 8/16-bit PPG timer 2 16-bit reload timer 8/16-bit U/D counter Chip select 16-bit output compare 16-bit free-run timer 16-bit input capture 10-bit A/D converter External interrupt Watch timer Time base timer PLL multiplier circuit pin pin pin pin Sub-clock generator circuit System clock generator circuit pin pin pin pin pin pin pin pin pin pin pin IN0, IN1 pin Divide by 4 Divide by 2 I2C interface Oscillator stabilization wait control 16-bit PWC 3ch SIN1, SIN2 pin CS0, CS1, pin CS2, CS3 AIN0, AIN1 BIN0, BIN1 ZIN0, ZIN1 OUT0, OUT1,OUT2, OUT3, OUT4, OUT5 IRQ0 to IRQ7 pin IN0, IN1 pin PWC1, PWC2, PWC3 pin SCL, SDA pin AN0 to AN7, ADTG pin pin MT00, MT01 HCLK : Oscillator clock MCLK : Main clock SCLK : Sub-clock PCLK : PLL clock φ : Machine clock CPU, µDMA µPG |