| データシートサーチシステム |
|
74LVC2T45GS データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2T45GS データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 36 page ![]() 74LVC_LVCH2T45 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 4 — 20 August 2010 8 of 36 NXP Semiconductors 74LVC2T45; 74LVCH2T45 Dual supply translating transceiver; 3-state VOL LOW-level output voltage VI = VIL [2] IO = 100 μA; VCCO = 1.2 V to 4.5 V - 0.1 - 0.1 V IO = 6 mA; VCCO = 1.4 V - 0.3 - 0.3 V IO = 8 mA; VCCO = 1.65 V - 0.45 - 0.45 V IO = 12 mA; VCCO = 2.3 V - 0.3 - 0.3 V IO = 24 mA; VCCO = 3.0 V - 0.55 - 0.55 V IO = 32 mA; VCCO = 4.5 V - 0.55 - 0.55 V II input leakage current DIR input; VI = 0 V to 5.5 V; VCCI = 1.2 V to 5.5 V - ±2- ±10 μA IBHL bus hold LOW current A or B port [1] VI = 0.49 V; VCCI =1.4 V 15 - 10 - μA VI = 0.58 V; VCCI =1.65 V 25 - 20 - μA VI = 0.70 V; VCCI =2.3 V 45 - 45 - μA VI = 0.80 V; VCCI =3.0 V 100 - 80 - μA VI = 1.35 V; VCCI =4.5 V 100 - 100 - μA IBHH bus hold HIGH current A or B port [1] VI = 0.91 V; VCCI =1.4 V −15 - −10 - μA VI = 1.07 V; VCCI =1.65 V −25 - −20 - μA VI = 1.60 V; VCCI =2.3 V −45 - −45 - μA VI = 2.00 V; VCCI =3.0 V −100 - −80 - μA VI = 3.15 V; VCCI =4.5 V −100 - −100 - μA IBHLO bus hold LOW overdrive current A or B port [1][3] VCCI = 1.6 V 125 - 125 - μA VCCI = 1.95 V 200 - 200 - μA VCCI = 2.7 V 300 - 300 - μA VCCI = 3.6 V 500 - 500 - μA VCCI = 5.5 V 900 - 900 - μA IBHHO bus hold HIGH overdrive current A or B port [1][3] VCCI = 1.6 V −125 - −125 - μA VCCI = 1.95 V −200 - −200 - μA VCCI = 2.7 V −300 - −300 - μA VCCI = 3.6 V −500 - −500 - μA VCCI = 5.5 V −900 - −900 - μA IOZ OFF-state output current A or B port; VO =0V orVCCO; VCCO = 1.2 V to 5.5 V [2] - ±2- ±10 μA Table 8. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Max Min Max |