| データシートサーチシステム |
|
74LVC2T45GS データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2T45GS データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 36 page ![]() 74LVC_LVCH2T45 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 4 — 20 August 2010 21 of 36 NXP Semiconductors 74LVC2T45; 74LVCH2T45 Dual supply translating transceiver; 3-state a. HIGH to LOW propagation delay (A to B) b. LOW to HIGH propagation delay (A to B) c. HIGH to LOW propagation delay (B to A) d. LOW to HIGH propagation delay (B to A) (1) VCC(B) = 1.2 V. (2) VCC(B) = 1.5 V. (3) VCC(B) = 1.8 V. (4) VCC(B) = 2.5 V. (5) VCC(B) = 3.3 V. (6) VCC(B) = 5.0 V. Fig 14. Typical propagation delay versus load capacitance; Tamb = 25 °C; VCC(A) =3.3 V CL (pF) 035 001aai923 14 tPHL (ns) 0 2 4 6 8 10 12 5 1015202530 (1) (5) (4) (2) (3) (6) CL (pF) 035 001aai924 14 tPLH (ns) 0 2 4 6 8 10 12 5 1015202530 (1) (5) (4) (2) (3) (6) CL (pF) 035 001aai925 14 tPHL (ns) 0 2 4 6 8 10 12 5 1015202530 (1) (5) (4) (2) (3) (6) CL (pF) 035 001aai926 14 tPLH (ns) 0 2 4 6 8 10 12 5 1015202530 (1) (5) (4) (2) (3) (6) |