| データシートサーチシステム |
|
ST62E25BD3/CCC データシート(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E25BD3/CCC データシート(HTML) 51 Page - STMicroelectronics |
|
51 / 105 page ![]() ST6215C ST6225C 51/105 8-BIT TIMER (Cont’d) 9.2.5 Low Power Modes 9.2.6 Interrupts Mode Description WAIT No effect on timer. Timer interrupt events cause the device to exit from WAIT mode. STOP Timer registers are frozen except in Event Counter mode (with external clock on TIM- ER pin). Interrupt Event Event Flag Enable Bit Exit from Wait Exit from Stop Timer Zero Event TMZ ETI Yes Yes 1 |