| データシートサーチシステム |
|
ST62E25BD3/CCC データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E25BD3/CCC データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 105 page ![]() ST6215C ST6225C 8/105 Legend / Abbreviations for Table 1: I = input, O = output, S = supply, IPU = input pull-up The input with pull-up configuration (reset state) is valid as long as the user software does not change it. Refer to Section 8 "I/O PORTS" on page 38 for more details on the software configuration of the I/O ports. 14 PB5/Ain I/O Pin B5 (IPU) Analog input 15 PB4/Ain I/O Pin B4 (IPU) Analog input 16 PB3/Ain I/O Pin B3 (IPU) Analog input 17 PB2/Ain I/O Pin B2 (IPU) Analog input 18 PB1/Ain I/O Pin B1 (IPU) Analog input 19 PB0/Ain I/O Pin B0 (IPU) Analog input 20 PA7/Ain I/O Pin A7 (IPU) Analog input 21 PA6/Ain I/O Pin A6 (IPU) Analog input 22 PA5/Ain I/O Pin A5 (IPU) Analog input 23 PA4/Ain I/O Pin A4 (IPU) Analog input 24 PA3/ 20mA Sink I/O Pin A3 (IPU) 25 PA2/ 20mA Sink I/O Pin A2 (IPU) 26 PA1/ 20mA Sink I/O Pin A1 (IPU) 27 PA0/ 20mA Sink I/O Pin A0 (IPU) 28 VSS S Ground Pin n° Pin Name Main Function (after Reset) Alternate Function 6 |