| データシートサーチシステム |
|
430 データシート(PDF) 41 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
430 データシート(HTML) 41 Page - Intel Corporation |
|
41 / 100 page ![]() Datasheet 41 Package Mechanical Specifications 3.9 Processor Land Coordinates Figure 13 shows the top view of the processor land coordinates. The coordinates are referred to throughout the document to identify processor lands. . § Figure 13. Processor Land Coordinates and Quadrants, Top View 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ AK AL AM AN A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ AK AL AM AN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 Preliminary Socket 775 Quadrants Top View V CC / V SS V TT / Clocks Data Address/ Common Clock/ Async |