データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

450 データシート(PDF) 88 Page - Intel Corporation

部品番号 450
部品情報  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

450 データシート(HTML) 88 Page - Intel Corporation

Back Button 450 Datasheet HTML 84Page - Intel Corporation 450 Datasheet HTML 85Page - Intel Corporation 450 Datasheet HTML 86Page - Intel Corporation 450 Datasheet HTML 87Page - Intel Corporation 450 Datasheet HTML 88Page - Intel Corporation 450 Datasheet HTML 89Page - Intel Corporation 450 Datasheet HTML 90Page - Intel Corporation 450 Datasheet HTML 91Page - Intel Corporation 450 Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
Features
88
Datasheet
6.2.1
Normal State
This is the normal operating state for the processor.
6.2.2
HALT and Extended HALT Powerdown States
The processor supports the HALT or Extended HALT powerdown state. The Extended
HALT Powerdown must be enabled via the BIOS for the processor to remain within its
specification.
The Extended HALT state is a lower power state as compared to the Stop Grant State.
If Extended HALT is not enabled, the default Powerdown state entered will be HALT.
Refer to the sections below for details about the HALT and Extended HALT states.
6.2.2.1
HALT Powerdown State
HALT is a low power state entered when all the processor cores have executed the HALT
or MWAIT instructions. When one of the processor cores executes the HALT instruction,
that processor core is halted, however, the other processor continues normal operation.
The processor will transition to the Normal state upon the occurrence of SMI#, INIT#,
or LINT[1:0] (NMI, INTR). RESET# will cause the processor to immediately initialize
itself.
The return from a System Management Interrupt (SMI) handler can be to either
Normal Mode or the HALT Power Down state. See the Intel Architecture Software
Developer's Manual, Volume III: System Programmer's Guide for more information.
Figure 22.
Processor Low Power State Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100