| データシートサーチシステム |
|
STM706PM6F データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM706PM6F データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 33 page ![]() STM706T/S/R, STM706P, STM708T/S/R Operation Doc ID 10518 Rev 10 13/33 3.7 Interfacing to microprocessors with bi-directional reset pins Microprocessors with bi-directional reset pins can contend with the STM70x reset output. For example, if the reset output is driven high and the micro wants to pull it low, signal contention will result. To prevent this from occurring, connect a 4.7k Ω resistor between the reset output and the micro's reset I/O as in Figure 11. Figure 11. Interfacing to microprocessors with bi-directional reset I/O AI08845 STM70x RST GND 4.7 k Ω VCC Microprocessor RST Buffered reset to other system components GND VCC |