| データシートサーチシステム |
|
STM706PM6F データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM706PM6F データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 33 page ![]() STM706T/S/R, STM706P, STM708T/S/R Description Doc ID 10518 Rev 10 5/33 1 Description The STM70x supervisors are self-contained devices which provide microprocessor supervisory functions. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or high in the case of RST). These devices also offer a watchdog timer (except for STM708T/S/R) as well as a power-fail comparator to provide the system with an early warning of impending power failure. The STM706P is identical to the STM706R, except its reset output is active-high. These devices are available in a standard 8-pin SOIC package or a space-saving 8-pin TSSOP package. Figure 1. Logic diagram (STM706T/S/R and STM706P) 1. For STM706P only. Figure 2. Logic diagram (STM708T/S/R) AI08841 VCC STM706T/S/R, STM706P VSS WDO RST (RST) (1) WDI PFI MR PFO AI08842 VCC STM708T/S/R VSS RST RST MR PFI PFO |