| データシートサーチシステム |
|
L6730B データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6730B データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 52 page ![]() L6730 - L6730B Device description Doc ID 11938 Rev 3 15/52 5.2 Internal LDO An internal LDO supplies the internal circuitry of the device. The input of this stage is the VCC pin and the output (5 V) is the VCCDR pin (see Figure 5). 5.3 Bypassing the LDO to avoid the voltage drop with low Vcc The LDO can be by passed by providing 5 V voltage directly to VCCDR. In this case Vcc and VCCDR pins must be shorted together as shown in Figure 6. VCCDR pin must be filtered with at least 1 μF capacitor to sustain the internal LDO during the recharge of the bootstrap capacitor. VCCDR also represents a voltage reference for Tmask pin, S/O/U pin (L6730) or CC/O/U pin (L6730B) and PGOOD pin (see Table 4: Pin connection). If Vcc ≈ 5 V the internal LDO works in dropout with an output resistance of about 1 Ω. The maximum LDO output current is about 100 mA, and so the output voltage drop can be 100 mV. The LDO can be bypassed to avoid thi s. Figure 5. LDO block diagram LDO 4.5V ÷14V |