| データシートサーチシステム |
|
STW4811MBRAT/LF データシート(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4811MBRAT/LF データシート(HTML) 42 Page - STMicroelectronics |
|
42 / 85 page ![]() Functional description STw4811M/STw4811N 42/85 CD00131784 Main features ● Fixed 1.8 V output voltage ● Two power domains: – ‘High power mode’ when multimedia processor is in run mode - 600 mA full load – ‘Low current mode’ when multimedia processor is in sleep mode, 5 mA current capability. Fast switching from low current to high power mode. The regulator is in ‘low current mode’ when multimedia processor is in sleep mode. PWREN signal indicates that the multimedia processor is about to switch to run mode. VDDOK signal indicates to the multimedia processor that all supplies are in the specified range. Note: The definition of sleep mode is given in 4.2.3: Sleep mode section. ● Soft start circuitry at start up, from power off to high power mode, when PON ball changes from “0” to “1”. 4.3.4 VPLL This LDO is dedicated to the multimedia processor PLL (1.05, 1.2, 1.3, 1.8 V) power supply with 10 mA max full load ( power control registers - Table 23 and Table 24). Main features ● Programmable output voltage, ‘vpll_sel[1:0]’ bits of power control register - Table 23 and Table 24) ● Two power domains: – ‘High power mode’ 10 mA full load – ‘Power down mode’ or ‘standby mode’ when regulators are switched off and there is no power consumption (‘en_vpll’ bit of power control register - Table 24) ● Soft start circuitry at start up, from power off to high power mode, when PON ball changes from “0” to “1”. 4.3.5 VANA This LDO is dedicated to the multimedia processor analog function (2.5 V) power supply with 10 mA full load. Main features: ● 2.5 V output voltage, ● Two power domains – ‘High power mode’ 10 mA full load – ‘Power down mode’ or ‘standby mode’ when regulators are switched off and there is no power consumption (‘en_vana’ bit of power control register - Table 25), |