データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24M01-RMW6P/A データシート(PDF) 7 Page - STMicroelectronics

部品番号 M24M01-RMW6P/A
部品情報  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-RMW6P/A データシート(HTML) 7 Page - STMicroelectronics

Back Button M24M01-RMW6P/A Datasheet HTML 3Page - STMicroelectronics M24M01-RMW6P/A Datasheet HTML 4Page - STMicroelectronics M24M01-RMW6P/A Datasheet HTML 5Page - STMicroelectronics M24M01-RMW6P/A Datasheet HTML 6Page - STMicroelectronics M24M01-RMW6P/A Datasheet HTML 7Page - STMicroelectronics M24M01-RMW6P/A Datasheet HTML 8Page - STMicroelectronics M24M01-RMW6P/A Datasheet HTML 9Page - STMicroelectronics M24M01-RMW6P/A Datasheet HTML 10Page - STMicroelectronics M24M01-RMW6P/A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
M24M01-R, M24M01-W, M24M01-HR
Description
Doc ID 12943 Rev 7
7/37
Figure 2.
SO connections
1.
See Section 7: Package mechanical data for package dimensions, and how to identify pin-1.
2.
DU = Don’t use.
Figure 3.
WLCSP8 connections
1.
NC = not connected internally.
2.
DU = Don’t use.
Table 1.
Signal names
Signal name
Function
Direction
E1, E2
Chip Enable
Input
SDA
Serial Data
I/O
SCL
Serial Clock
Input
WC
Write Control
Input
VCC
Supply voltage
VSS
Ground
SDA
VSS
SCL
WC
E1
DU
VCC
E2
AI13416e
M24M01-R
M24M01-R
M24M01-HR
1
2
3
4
8
7
6
5
VCC
VSS
WC
SCL
SDA
DU
E1
E2
Orientation reference
Die orientation
ai15952b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37