| データシートサーチシステム |
|
M24M01-RMW6P/A データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M01-RMW6P/A データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 37 page ![]() M24M01-R, M24M01-W, M24M01-HR DC and AC parameters Doc ID 12943 Rev 7 23/37 Table 12. DC characteristics (M24M01-W) Symbol Parameter Test condition (in addition to those in Table 8) Min. Max. Unit ILI Input leakage current (E1, E2, SCL, SDA) VIN = VSS or VCC device in Standby mode ± 2 µA ILO Output leakage current SDA in Hi-Z, external voltage applied on SDA: VSS or VCC ± 2 µA ICC Supply current (Read) VCC = 2.5 V, fc= 400 kHz (rise/fall time < 50 ns) 1mA VCC = 5.5 V, fc= 400 kHz (rise/fall time < 50 ns) 2mA 2.5 V < VCC < 5.5 V, fc= 1 MHz (rise/fall time < 50 ns) 2.5 mA ICC0 (1) 1. Characterized value, not tested in production. Supply current (Write) During tW, 2.5 V < VCC < 5.5 V 5 mA ICC1 Standby supply current Device not selected(2), VIN = VSS or VCC, VCC = 2.5 V 2. The device is not selected after a power-up, a Read instruction (after the Stop condition), or after the completion of an internal write cycle tW (tW is triggered by the correct decoding of a Write instruction). 5µA Device not selected(2), VIN = VSS or VCC, VCC = 5.5 V 5µA VIL Input low voltage (SCL, SDA, WC) 2.5 V ≤ V CC ≤ 5.5 V –0.45 0.3 VCC VIH Input high voltage (SCL, SDA, WC) 2.5 V ≤ V CC ≤ 5.5 V 0.7VCC VCC+1 VOL Output low voltage IOL = 2.1 mA, VCC = 2.5 V 0.4 V IOL = 3.0 mA, VCC = 5.5 V 0.4 V |