データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L101 データシート(PDF) 80 Page - STMicroelectronics

部品番号 STM8L101
部品情報  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101 データシート(HTML) 80 Page - STMicroelectronics

Back Button STM8L101 Datasheet HTML 73Page - STMicroelectronics STM8L101 Datasheet HTML 74Page - STMicroelectronics STM8L101 Datasheet HTML 75Page - STMicroelectronics STM8L101 Datasheet HTML 76Page - STMicroelectronics STM8L101 Datasheet HTML 77Page - STMicroelectronics STM8L101 Datasheet HTML 78Page - STMicroelectronics STM8L101 Datasheet HTML 79Page - STMicroelectronics STM8L101 Datasheet HTML 80Page - STMicroelectronics STM8L101 Datasheet HTML 81Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 80 / 81 page
background image
Revision history
STM8L101xx
80/81
Doc ID 15275 Rev 11
21-Jul-2010
10
Modified Table 3: Legend/abbreviation for table 4 on page 20 and
Table 4: STM8L101xx pin description on page 20 (for PA0, PA1, PB0
and PB4)
Modified Table 13: Voltage characteristics on page 38 and Table 14:
Current characteristics on page 39
Modified VIH in Table 26: I/O static characteristics on page 50
Added notes below UFQFPN32 package
14-Oct-2010
11
Added STM8L101F1 devices:
Modified Table 1: Device summary on page 1, Table 2: Device
features on page 8 and Table 5: Flash and RAM boundary
addresses on page 24
Modified warning below Figure 3 on page 15 and belowTable 4:
STM8L101xx pin description on page 20
Modified Figure 47: STM8L101xx ordering information scheme on
page 73
Modifed text above Figure 32: Recommended NRST pin
configuration on page 56
Modified Figure 32 on page 56
Table 44.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81