データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMN2040LSD データシート(PDF) 4 Page - Diodes Incorporated

部品番号 DMN2040LSD
部品情報  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2040LSD データシート(HTML) 4 Page - Diodes Incorporated

  DMN2040LSD Datasheet HTML 1Page - Diodes Incorporated DMN2040LSD Datasheet HTML 2Page - Diodes Incorporated DMN2040LSD Datasheet HTML 3Page - Diodes Incorporated DMN2040LSD Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DMN2040LSD
Document number: DS31517 Rev. 4 - 2
4 of 4
www.diodes.com
November 2008
© Diodes Incorporated
DMN2040LSD
Package Outline Dimensions
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
SOP-8L
Dim
Min
Max
A
-
1.75
A1
0.08
0.25
A2
1.40
1.50
A3
0.20 Typ
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.80
3.90
e
1.27 Typ
h
-
0.35
L
0.60
0.80
θ
0
°
8
°
All Dimensions in mm
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
X
C1
C2
Y



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com