データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SF12 データシート(PDF) 1 Page - Diotech Company.

部品番号 SF12
部品情報  SUPER FAST RECOVERY SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIOTECH [Diotech Company.]
ホームページ  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SF12 データシート(HTML) 1 Page - Diotech Company.

  SF12 Datasheet HTML 1Page - Diotech Company. SF12 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF11 THRU SF18
SUPER FAST RECOVERY SILICON RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Ampere
Characteristic
Case: JEDEC DO-41 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.012 ounce, 0.33 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Super fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.25
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=55 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
CJ
TJ,TSTG
60.0
15.0
-65 to +150
pF
C
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
35
ns
DO-41
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
150
105
150
200
140
200
300
210
300
400
280
400
600
420
600
SF11 SF12 SF13 SF14 SF15
SF16 SF18
0.95
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
0.107(2.7)
0.080(2.0)
DIA.
0.034(0.9)
0.028(0.7)
DIA.
1.0 (25.4)
MIN.
0.205(5.2)
0.166(4.2)
1.0 (25.4)
MIN.
10.0
●
●
●
●
●
µA
R JA
1.7


同様の部品番号 - SF12

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
SF12 MOSPEC-SF12 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF12 WTE-SF12 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF12 ZOWIE-SF12 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF12 RECTRON-SF12 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
SF12 JGD-SF12 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
More results

同様の説明 - SF12

メーカー部品番号データシート部品情報
logo
Diotech Company.
SF51 DIOTECH-SF51 Datasheet
659Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MUR440 DIOTECH-MUR440 Datasheet
905Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF805 DIOTECH-MURF805 Datasheet
718Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF1005 DIOTECH-MURF1005 Datasheet
656Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005 DIOTECH-MURF2005 Datasheet
1,004Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF3005PT DIOTECH-MURF3005PT Datasheet
783Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
SF32 DIOTECH-SF32 Datasheet
678Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005CT DIOTECH-MURF2005CT Datasheet
1Mb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SF51-DO27 YFWDIODE-SF51-DO27 Datasheet
356Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com