データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC25400 データシート(PDF) 10 Page - Micrel Semiconductor

部品番号 MIC25400
部品情報  2A Dual Output PWM Synchronous Buck Regulator IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC25400 データシート(HTML) 10 Page - Micrel Semiconductor

Back Button MIC25400 Datasheet HTML 6Page - Micrel Semiconductor MIC25400 Datasheet HTML 7Page - Micrel Semiconductor MIC25400 Datasheet HTML 8Page - Micrel Semiconductor MIC25400 Datasheet HTML 9Page - Micrel Semiconductor MIC25400 Datasheet HTML 10Page - Micrel Semiconductor MIC25400 Datasheet HTML 11Page - Micrel Semiconductor MIC25400 Datasheet HTML 12Page - Micrel Semiconductor MIC25400 Datasheet HTML 13Page - Micrel Semiconductor MIC25400 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Micrel, Inc.
MIC25400
January 2011
10
M9999-020111-C
Soft-start
Enable and soft-start waveforms are shown in Figure 2.
Figure 2. Soft-start Timing Diagram
A capacitor, CSS, is connected to the EN/DLY pin. The
CSS capacitor range is 4.7nf to 22nf. Releasing the pin
allows an internal current source to charge the capacitor.
The delay between the EN/DLY pin release and when
VOUT starts to rise can be calculated by the equation
below.
SS
Start
Threshold_
SS
D
I
V
C
t
×
=
Where:
CSS is the soft-start capacitor.
ISS is the internal soft-start current (200µA nominal).
VThreshold_start is the EN/DLY pin voltage where the output
starts to rise (1.35V nominal).
The output voltage starts to rise when voltage on the
EN/DLY pin reaches the start threshold. The output
voltage reaches regulation when the EN/DLY pin voltage
reaches the end threshold. The output voltage rise time
can be calculated by the equation below:
SS
Start
Threshold_
End
Threshold_
SS
D
I
)
V
(V
C
t
×
=
Where:
VThreshold_End is the EN/DLY pin voltage where the output
reaches regulation.
Power Good
Power good is an open drain signal that asserts when
VOUT exceed the power good threshold. The circuit
monitors the FB pin. The internal FET is turned on while
the FB voltage is below the FB threshold. When voltage
on the FB in exceeds the FB threshold, the FET is
turned off. A pull-up resistor can be connected to PVDD or
and external source. The external source voltage must
not exceed the maximum rating of the pin. The PG pin
can be connected to another regulator’s EN/DLY pin for
sequencing of the outputs. A pull-up resistor is not used
when the power good pin is connected to another
regulators EN/DLY pin.
Output Sequencing
Sequencing of the outputs is shown in Figure 3. The
power good pin is used to disable VOUT2 until the VOUT1
reaches regulation. Sequencing waveforms are shown in
Figure 4.
Figure 3. Output Sequencing
Figure 4. Output Sequencing Waveforms
The MIC25400 must start up without a pre-biased output
voltage. During start up, the MIC25400 pulls the output
to ground if it is above 0V. This may cause the output to
ring below ground and excessive voltage on the VSW
node. A pre-bias condition can occur if the output is
turned off then immediately turned back on before the
output capacitor is discharged to ground. It is also
possible that the output of the MIC25400 could be pulled
up or pre-biased through parasitic conduction paths from
one supply rail to another in multiple voltage level ICs
like a FPGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com