| データシートサーチシステム |
|
PIC16F1526 データシート(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1526 データシート(HTML) 15 Page - Microchip Technology |
|
15 / 354 page ![]() 2011 Microchip Technology Inc. Preliminary DS41458A-page 15 PIC16(L)F1526/27 RD6/SCK2/SCL2(3) RD6 ST CMOS General purpose I/O with WPU. SCK2 ST CMOS SPI clock. SCL2 I2COD I2C™ clock. RD7/SS2 RD7 ST CMOS General purpose I/O with WPU. SS2 ST — Slave Select input. RE0/AN27 RE0 ST CMOS General purpose I/O with WPU. AN27 AN — A/D Channel 27 input. RE1/AN28 RE1 ST CMOS General purpose I/O with WPU. AN28 AN — A/D Channel 28 input. RE2/AN29/CCP10 RE2 ST CMOS General purpose I/O with WPU. AN29 AN — A/D Channel 29 input. CCP10 ST CMOS Capture/Compare/PWM10. RE3/CCP9 RE3 ST CMOS General purpose I/O with WPU. CCP9 ST CMOS Capture/Compare/PWM9. RE4/CCP8 RE4 ST CMOS General purpose I/O with WPU. CCP8 ST CMOS Capture/Compare/PWM8. RE5/CCP7 RE5 ST CMOS General purpose I/O with WPU. CCP7 ST CMOS Capture/Compare/PWM7. RE6/CCP6 RE6 ST CMOS General purpose I/O with WPU. CCP6 ST CMOS Capture/Compare/PWM6. RE7/CCP2(2) RE7 ST CMOS General purpose I/O with WPU. CCP2 ST CMOS Capture/Compare/PWM2. RF0/AN16/VCAP RF0 ST CMOS General purpose I/O. AN16 AN — A/D Channel 16 input. VCAP Power Power Filter capacitor for Voltage Regulator. RF1/AN6 RF1 ST CMOS General purpose I/O. AN6 AN — A/D Channel 6 input. RF2/AN7 RF2 ST CMOS General purpose I/O. AN7 AN — A/D Channel 7 input. RF3/AN8 RF3 ST CMOS General purpose I/O. AN8 AN — A/D Channel 8 input. RF4/AN9 RF4 ST CMOS General purpose I/O. AN9 AN — A/D Channel 9 input. RF5/AN10 RF5 ST CMOS General purpose I/O. AN10 AN — A/D Channel 10 input. RF6/AN11 RF6 ST CMOS General purpose I/O. AN11 AN — A/D Channel 11 input. RF7/AN5/SS1 RF7 ST CMOS General purpose I/O. AN5 AN — A/D Channel 5 input. SS1 ST — Slave Select input. TABLE 1-2: PIC16(L)F1526 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Peripheral pin location selected using APFCON register. Default location. 2: Peripheral pin location selected using APFCON register. Alternate location. 3: RC3, RC4, RD5 and RD6 read the I2C ST input when I2C mode is enabled. |