データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6V27T データシート(PDF) 10 Page - Microchip Technology

部品番号 MCP6V27T
部品情報  620 關A, 2 MHz Auto-Zeroed Op Amps
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V27T データシート(HTML) 10 Page - Microchip Technology

Back Button MCP6V27T Datasheet HTML 6Page - Microchip Technology MCP6V27T Datasheet HTML 7Page - Microchip Technology MCP6V27T Datasheet HTML 8Page - Microchip Technology MCP6V27T Datasheet HTML 9Page - Microchip Technology MCP6V27T Datasheet HTML 10Page - Microchip Technology MCP6V27T Datasheet HTML 11Page - Microchip Technology MCP6V27T Datasheet HTML 12Page - Microchip Technology MCP6V27T Datasheet HTML 13Page - Microchip Technology MCP6V27T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
MCP6V27
DS25007A-page 10
© 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.3V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL = 60 pF.
2.2
Other DC Voltages and Currents
FIGURE 2-18:
Input Common Mode
Voltage Headroom (Range) vs. Ambient
Temperature.
FIGURE 2-19:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-20:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-21:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-22:
Supply Current vs. Power
Supply Voltage.
FIGURE 2-23:
Power On Reset Trip
Voltage.
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Lower (VCML – VSS)
Upper ( VCMH – VDD)
1 Wafer Lot
10
100
1000
0.1
1
10
Output Current Magnitude (mA)
VDD – VOH
VDD = 5.5V
VDD = 2.3V
VOL – VSS
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
255075
100
125
Ambient Temperature (°C)
VDD – VOH
VDD = 5.5V
VOL – VSS
VDD = 2.3V
RL = 10 kΩ
-40
-30
-20
-10
0
10
20
30
40
Power Supply Voltage (V)
-40°C
+25°C
+85°C
+125°C
+125°C
+85°C
+25°C
-40°C
0
100
200
300
400
500
600
700
800
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
0%
5%
10%
15%
20%
25%
30%
35%
40%
POR Trip Voltage (V)
820 Samples
1 Wafer Lot
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com