| データシートサーチシステム |
|
BTS6480SF データシート(PDF) 49 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BTS6480SF データシート(HTML) 49 Page - Infineon Technologies AG |
|
49 / 73 page ![]() SPOC - BTS6480SF Diagnosis Data Sheet 49 Rev. 1.0, 2010-04-12 9.3 Sense Synchronization during Automatic PWM Generation For performing current sense measurements there is a current sense synchronization signal at the pin ISSY available. This signal indicates the possible start of V IS measurement. The synchronization signal will be activated after the time t Measurement delay after channel’s activation. The delay time can be configured via SPI register CHCRn.SYDEL . The current sense synchronization signal is only available during the automatic PWM generation, i.e. the bit PCR.PST is set. Figure 23 shows the functionality of the current sense synchronization signal. Figure 23 Current Sense Synchronization SenseSynchronization.emf t V PCLK t PCR.PST t V OUT0 t OUT.OUT0 t V OUT1 t t V ISSY t Synch. delay1 t V IS t DCR.MUX 001 001 000 001 t Synch. delay0 t sIS(ON) OUT.OUT1 t Ch. phase shift1 |