| データシートサーチシステム |
|
BTS6480SF データシート(PDF) 7 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BTS6480SF データシート(HTML) 7 Page - Infineon Technologies AG |
|
7 / 73 page ![]() SPOC - BTS6480SF Block Diagram Data Sheet 7 Rev. 1.0, 2010-04-12 2.1 Terms Figure 2 shows all terms used in this data sheet. Figure 2 Terms In all tables of electrical characteristics is valid: Channel related symbols without channel number are valid for each channel separately (e.g. V DS specification is valid for VDS0 … VDS3). All SPI register bits are marked as follows: ADDR.PARAMETER (e.g. HWCR.CL). In SPI register description, the values in bold letters (e.g. 0) are default values. I BB VBB GND I GND OUT0 I L0 OUT1 EDO0 EDD1 I L1 I EDD1 OUT2 I L2 OUT3 I L3 V OUT3 V OUT2 V DS3 V DS2 V OUT1 V OUT0 V DS1 V DS0 V EDD1 V EDO0 EDO1 EDD0 I EDO1 I EDD0 I EDO0 V EDO1 V EDD0 Terms_PWM_EXT .emf I DD V DD V SO V IN2 I SI V IN3 I CS V BB I IS VDD S0 SI CS IS V SI V CS V SCLK V IN1 I IN1 IN1 IN2 I SCLK SCLK V IS I IN3 IN3 V LHI LHI I SO I IN2 I LHI PCLK I PCLK V PCLK I ISSY ISSY V ISSY |