データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPS3015 データシート(PDF) 1 Page - Microchip Technology

部品番号 LPS3015
部品情報  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS3015 データシート(HTML) 1 Page - Microchip Technology

  LPS3015 Datasheet HTML 1Page - Microchip Technology LPS3015 Datasheet HTML 2Page - Microchip Technology LPS3015 Datasheet HTML 3Page - Microchip Technology LPS3015 Datasheet HTML 4Page - Microchip Technology LPS3015 Datasheet HTML 5Page - Microchip Technology LPS3015 Datasheet HTML 6Page - Microchip Technology LPS3015 Datasheet HTML 7Page - Microchip Technology LPS3015 Datasheet HTML 8Page - Microchip Technology LPS3015 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 1
MCP16301
Features
• Up to 96% Typical Efficiency
• Input Voltage Range: 4.0V to 30V
• Output Voltage Range: 2.0V to 15V
• 2% Output Voltage Accuracy
• Integrated N-Channel Buck Switch: 460 m
Ω
•600 mA Output Current
•500 kHz Fixed Frequency
• Adjustable Output Voltage
• Low Device Shutdown Current
• Peak Current Mode Control
• Internal Compensation
• Stable with Ceramic Capacitors
• Internal Soft-Start
• Cycle by Cycle Peak Current Limit
• Under Voltage Lockout (UVLO): 3.5V
• Overtemperature Protection
• Available Package: SOT-23-6
Applications
•PIC®/dsPIC Microcontroller Bias Supply
• 24V Industrial Input DC-DC Conversion
• Set-Top Boxes
• DSL Cable Modems
• Automotive
• Wall Cube Regulation
• SLA Battery Powered Devices
• AC-DC Digital Control Power Source
• Power Meters
•D2 Package Linear Regulator Replacement
-See Figure 5-2
•Consumer
• Medical and Health Care
• Distributed Power Supplies
General Description
The MCP16301 is a highly integrated, high-efficiency,
fixed frequency, step-down DC-DC converter in a
popular 6-pin SOT-23 package that operates from input
voltage sources up to 30V. Integrated features include
a high side switch, fixed frequency Peak Current Mode
Control, internal compensation, peak current limit and
overtemperature
protection.
Minimal
external
components are necessary to develop a complete
step-down DC-DC converter power supply.
High converter efficiency is achieved by integrating the
current limited, low resistance, high-speed N-Channel
MOSFET
and
associated
drive
circuitry.
High
switching frequency minimizes the size of external
filtering components resulting in a small solution size.
The MCP16301 can supply 600 mA of continuous
current while regulating the output voltage from 2.0V to
15V. An integrated, high-performance peak current
mode architecture keeps the output voltage tightly
regulated, even during input voltage steps and output
current transient conditions that are common in power
systems.
The EN input is used to turn the device on and off.
While turned off, only a few micro amps of current are
consumed from the input for power shedding and load
distribution applications.
Output voltage is set with an external resistor divider.
The MCP16301 is offered in a space saving SOT-23-6
surface mount package.
Package Type
VIN
VFB
BOOST
GND
EN
MCP16301
6-Lead SOT-23
SW
1
2
3
4
5
6
High Voltage Input Integrated Switch Step-Down Regulator


同様の部品番号 - LPS3015

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
LPS3015 COILCRAFT-LPS3015 Datasheet
340Kb / 2P
Shielded Power Inductors
LPS3015-102ML COILCRAFT-LPS3015-102ML Datasheet
208Kb / 2P
Shielded Power Inductors
LPS3015-102MLB COILCRAFT-LPS3015-102MLB Datasheet
295Kb / 2P
Shielded Power Inductors LPS3015
LPS3015-102MLC COILCRAFT-LPS3015-102MLC Datasheet
295Kb / 2P
Shielded Power Inductors LPS3015
LPS3015-102MLD COILCRAFT-LPS3015-102MLD Datasheet
295Kb / 2P
Shielded Power Inductors LPS3015
More results

同様の説明 - LPS3015

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
High Voltage Step Down Regulator
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
High Voltage Step Down Regulator
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301_12 Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
2011-2012 10/26/12
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16301 MICROCHIP-MCP16301_15 Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16301 MICROCHIP-MCP16301_V01 Datasheet
783Kb / 38P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision E January 2021
MCP16311 MICROCHIP-MCP16311_V01 Datasheet
1Mb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
MCP16331 MICROCHIP-MCP16331_V01 Datasheet
1Mb / 48P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com