| データシートサーチシステム |
|
16F1827 データシート(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1827 データシート(HTML) 14 Page - Microchip Technology |
|
14 / 406 page ![]() PIC16(L)F1826/27 DS41391D-page 14 2011 Microchip Technology Inc. VDD VDD Power — Positive supply. VSS VSS Power — Ground reference. TABLE 1-2: PIC16(L)F1826/27 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Pin functions can be moved using the APFCON0 or APFCON1 register. 2: Functions are only available on the PIC16(L)F1827. 3: Default function location. |