| データシートサーチシステム |
|
PCIMX536AVV8C データシート(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX536AVV8C データシート(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 178 page ![]() Electrical Characteristics i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2 Freescale Semiconductor 83 4.7.8 Image Processing Unit (IPU) Module Parameters The purpose of the IPU is to provide comprehensive support for the flow of data from an image sensor and/or to a display device. This support covers all aspects of these activities: • Connectivity to relevant devices—cameras, displays, graphics accelerators, and TV encoders. • Related image processing and manipulation: sensor image signal processing, display processing, image conversions, and other related functions. • Synchronization and control capabilities, such as avoidance of tearing artifacts. 4.7.8.1 IPU Sensor Interface Signal Mapping The IPU supports a number of sensor input formats. Table 57 defines the mapping of the Sensor Interface Pins used for various supported interface formats. Table 57. Camera Input Signal Cross Reference, Format and Bits per Cycle Signal Name1 1 CSIx stands for CSI1 or CSI2 RGB565 8 bits 2 cycles RGB5652 8 bits 3 cycles RGB6663 8 bits 3 cycles RGB888 8 bits 3 cycles YCbCr 8 bits 2 cycles RGB5654 16 bits 2 cycles YCbCr5 16 bits 1 cycle YCbCr6 16 bits 1 cycle YCbCr7 20 bits 1 cycle CSIx_DAT0 — — — — — — — 0 C[0] CSIx_DAT1 — — — — — — — 0 C[1] CSIx_DAT2 — — — — — — — C[0] C[2] CSIx_DAT3 — — — — — — — C[1] C[3] CSIx_DAT4 — — — — — B[0] C[0] C[2] C[4] CSIx_DAT5 — — — — — B[1] C[1] C[3] C[5] CSIx_DAT6 — — — — — B[2] C[2] C[4] C[6] CSIx_DAT7 — — — — — B[3] C[3] C[5] C[7] CSIx_DAT8 — — — — — B[4] C[4] C[6] C[8] CSIx_DAT9 — — — — — G[0] C[5] C[7] C[9] CSIx_DAT10 — — — — — G[1] C[6] 0 Y[0] CSIx_DAT11 — — — — — G[2] C[7] 0 Y[1] CSIx_DAT12 B[0], G[3] R[2],G[4],B[2] R/G/B[4] R/G/B[0] Y/C[0] G[3] Y[0] Y[0] Y[2] CSIx_DAT13 B[1], G[4] R[3],G[5],B[3] R/G/B[5] R/G/B[1] Y/C[1] G[4] Y[1] Y[1] Y[3] CSIx_DAT14 B[2], G[5] R[4],G[0],B[4] R/G/B[0] R/G/B[2] Y/C[2] G[5] Y[2] Y[2] Y[4] CSIx_DAT15 B[3], R[0] R[0],G[1],B[0] R/G/B[1] R/G/B[3] Y/C[3] R[0] Y[3] Y[3] Y[5] CSIx_DAT16 B[4], R[1] R[1],G[2],B[1] R/G/B[2] R/G/B[4] Y/C[4] R[1] Y[4] Y[4] Y[6] CSIx_DAT17 G[0], R[2] R[2],G[3],B[2] R/G/B[3] R/G/B[5] Y/C[5] R[2] Y[5] Y[5] Y[7] CSIx_DAT18 G[1], R[3] R[3],G[4],B[3] R/G/B[4] R/G/B[6] Y/C[6] R[3] Y[6] Y[6] Y[8] CSIx_DAT19 G[2], R[4] R[4],G[5],B[4] R/G/B[5] R/G/B[7] Y/C[7] R[4] Y[7] Y[7] Y[9] |