データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MM912_634 データシート(PDF) 1 Page - Freescale Semiconductor, Inc

部品番号 MM912_634
部品情報  Integrated S12 Based Relay Driver with LIN
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912_634 データシート(HTML) 1 Page - Freescale Semiconductor, Inc

  MM912_634 Datasheet HTML 1Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 2Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 345 page
background image
Freescale Semiconductor
Advance Information
Document Number: MM912_634D1
Rev. 4.0, 5/2011
© Freescale Semiconductor, Inc., 2010-2011. All rights reserved.
This document contains certain information on a new product. Specifications and information herein
are subject to change without notice.
Integrated S12 Based Relay
Driver with LIN
The MM912G634 (48 kB) and MM912H634 (64 kB) are
integrated single package solutions that integrates an HCS12
microcontroller with a SMARTMOS analog control IC. The Die
to Die Interface (D2D) controlled analog die combines system
base chip and application specific functions, including a LIN
transceiver.
Features
• 16-Bit S12 CPU, 64/48 kByte P-FLASH,
• 6.0 kByte RAM; 4/2 kByte D-FLASH
• Background debug (BDM) & debug module (DBG)
• Die to Die bus interface for transparent memory mapping
• On-chip oscillator & two independent watchdogs
• LIN 2.1 Physical Layer Interface with integrated SCI
• 10 digital MCU GPIOs shared with SPI (PA7…0, PE1…0)
• 10-Bit, 15 Channel - Analog to Digital Converter (ADC)
• 16-Bit, 4 Channel - Timer Module (TIM16B4C)
• 8-Bit, 2 Channel - Pulse width modulation module (PWM)
• Six high voltage / Wake-up inputs (L5…0)
• Three low voltage GPIOs (PB2…0)
• Low power modes with cyclic sense & forced wake-up
• Current sense module with selectable gain
• Reverse battery protected voltage sense module
• Two protected low side outputs to drive inductive loads
• Two protected high side outputs
• Chip temperature sensor
• Hall sensor supply & integrated voltage regulator(s)
Figure 1. Simplified Application Diagram
ORDERING INFORMATION
See Page 2.
MM912_634
48-PIN LQFP, 7.0 mm x 7.0 mm
AE SUFFIX: Exposed Pad Option
AP SUFFIX: Non Exposed Pad Option
MM912_634
VSENSE
VS1
VS2
LIN
VDD
AGND
RESET
RESET_A
PA0/MISO
LS1
LS2
ISENSEH*
HS1
HS2*
TEST_A
LGND
Battery Sense
L1
M
TCLK
L2
L3
L4*
ISENSEL*
PGND
L0
L5*
Hall Sensor
HSUP
Hall Sensor
PTB0/AD0/RX/TIM0CH0
PTB1/AD1/TX/TIM0CH1
PTB2/AD2/PWM/TIM0CH2
PA1/MOSI
PA2/SCK
PA3/SS
PA4
PA5
PA6
PA7
BKGD/MODC
PE0/EXTAL
PE1/XTAL
TEST
ADC25
VDDD2D
VDDX
VDDRX
DGND
VSSRX
VSSD2D
Power Supply
LIN Interface
ADC Supply
2.5 V Suppy
5.0 V Supply
Digital Ground
Reset
5.0 V Digital I/O
Debug and External
Oscillator
MCU Test
* Feature not availablre in all Analog Options
Low Side Drivers
Current Sense Moe
Hall Sensor Supply
5.0 V GPI/O with optional
pull-up (shared with ADC,
PWM, Timer, and SCI)
12 V Light/LED and
Switch Supply
Analog/Digita inputs
(High Voltage and Wake-up
capable)
Analog Test


同様の部品番号 - MM912_634

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MM912F634 FREESCALE-MM912F634 Datasheet
4Mb / 335P
Integrated S12 Based Relay Driver with LIN
MM912F634CV1AE FREESCALE-MM912F634CV1AE Datasheet
4Mb / 335P
Integrated S12 Based Relay Driver with LIN
MM912F634CV2AE FREESCALE-MM912F634CV2AE Datasheet
4Mb / 335P
Integrated S12 Based Relay Driver with LIN
MM912F634CV2AP FREESCALE-MM912F634CV2AP Datasheet
4Mb / 335P
Integrated S12 Based Relay Driver with LIN
More results

同様の説明 - MM912_634

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
logo
Freescale Semiconductor...
MM912F634 FREESCALE-MM912F634 Datasheet
4Mb / 335P
Integrated S12 Based Relay Driver with LIN
logo
NXP Semiconductors
TJA1028 NXP-TJA1028 Datasheet
208Kb / 24P
LIN transceiver with integrated voltage regulator
Rev. 2-25 February 2011
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE9835QX INFINEON-TLE9835QX Datasheet
312Kb / 2P
Smart LIN-based Relay Driver IC & Switch Panel Interface with integrated 8-bit MCU
02 / 2012
logo
ON Semiconductor
NCV7748 ONSEMI-NCV7748 Datasheet
518Kb / 30P
Automotive LIN Low-Side Relay Driver
July, 2017 ??Rev. 1
NCV7748 ONSEMI-NCV7748_17 Datasheet
518Kb / 30P
Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com