データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5673K データシート(PDF) 44 Page - Freescale Semiconductor, Inc

部品番号 MPC5673K
部品情報  Microcontroller is a 32-bit embedded controller designed for advanced
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5673K データシート(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC5673K Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5673K Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 140 page
background image
R17
GPIO flexpwm1
B[2]
A0: siul_GPIO[165]
A1: dramc_ADD[7]
A2: ebi_ADD15
A3: flexpwm1_B[2]
I: _
I: _
I: _
—
disabled
DRAM
ACC
VDD_HV_IO
T3
GPIO dspi2
SOUT
A0: siul_GPIO[12]
A1: dspi2_SOUT
A2: _
A3: _
I: _
I: _
I: siul_EIRQ[11]
—
disabled
GP Slow/
Medium
VDD_HV_IO
T4
ANA adc3
AN[0]
—
siul_GPI[229]
AN: adc3_AN[0]
—
Analog
VDD_HV_ADR13
T5
ANA adc3
AN[3]
—
siul_GPI[232]
AN: adc3_AN[3]
—
Analog
VDD_HV_ADR13
T6
ANA adc2
AN[2]
—
siul_GPI[223]
AN: adc2_AN[2]
—
Analog
VDD_HV_ADR02
T8
ANA adc2_adc3
AN[13]
—
siul_GPI[227]
AN: adc2_adc3_AN[13]
—
Analog
Shared
VDD_HV_ADR02
T10
ANA adc0
AN[1]
—
siul_GPI[24]
etimer0_ETC[5]
AN: adc0_AN[1]
—
Analog
VDD_HV_ADR02
T11
ANA adc0_adc1
AN[12]
—
siul_GPI[26]
AN: adc0_adc1_AN[12]
—
Analog
Shared
VDD_HV_ADR02
T12
ANA adc1
AN[0]
—
siul_GPI[29]
lin1_RXD
AN: adc1_AN[0]
—
Analog
VDD_HV_ADR13
T13
ANA adc1
AN[2]
—
siul_GPI[31]
siul_EIRQ[20]
AN: adc1_AN[2]
—
Analog
VDD_HV_ADR13
Table 9. 257 MAPBGA pin multiplexing (continued)
Ball
Number
Ball
Type
Ball Name
Alternate I/O
Additional Inputs
Analog Inputs
Weak pull
during reset
Pad Type
Power Domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More