| データシートサーチシステム |
|
MPC5673K データシート(PDF) 20 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5673K データシート(HTML) 20 Page - Freescale Semiconductor, Inc |
|
20 / 140 page ![]() MPC5675K Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Package pinouts and signal descriptions Freescale Semiconductor 20 Figure 3. MPC5675K 473 MAPBGA pinout (northwest, viewed from above) Figure 4. MPC5675K 473 MAPBGA pinout (southwest, viewed from above) 123456 789 10 11 12 A VSS_ HV_IO VSS_ HV_IO VDD_ HV_IO nexus MDO[5] nexus MDO[7] nexus MDO[9] flexray CB_TX flexray CA_TR_EN fec RX_DV fec MDIO fec TX_CLK fec TX_EN B VSS_ HV_IO VSS_ HV_IO mc_cgl clk_out can1 TXD nexus MDO[14] dspi2 CS1 flexray CB_TR_EN flexray CA_TX fec RXD[3] fec RX_ER fec TXD[0] fec RXD[0] C VDD_ HV_IO nexus MDO[15] VSS_ HV_IO FCCU_ F[1] flexray CB_RX etimer0 ETC[4] etimer0 ETC[1] etimer0 ETC[2] etimer0 ETC[3] fec TXD[2] fec TXD[1] fec CRS D nexus MDO[1] nexus MDO[3] can1 RXD dspi0 SOUT RESERVED etimer0 ETC[5] etimer0 ETC[0] VDD_ HV_IO VSS_ HV_IO JCOMP VSS_ HV_IO VSS_ HV_FLA E nexus MDO[0] nexus MDO[2] flexray CA_RX NMI F nexus MDO[10] nexus MDO[11] nexus MDO[6] nexus MDO[4] VDD_ LV_COR VDD_ LV_COR VDD_ LV_COR VDD_ LV_COR VDD_ LV_COR VDD_ LV_COR VDD_ LV_COR G nexus MCKO VDD_ HV_IO nexus MDO[8] nexus MSEO_B[1] VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR H nexus EVTO_B VSS_ HV_IO nexus MSEO_B[0] nexus EVTI_B VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR J nexus RDY_B nexus MDO[13] nexus MDO[12] dspi1 SIN VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR K dspi0 SCK dspi1 CS0 dspi1 SCK dspi1 SOUT VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR L dspi0 CS0 dspi2 CS2 dspi2 CS0 VSS_ HV_IO VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR M flexpwm0 X[0] VDD_ HV_IO dspi0 SIN VDD_ HV_IO VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR N flexpwm0 A[0] VSS_ HV_IO flexpwm0 X[1] flexpwm0 B[2] VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR P flexpwm0 B[0] flexpwm0 B[1] flexpwm0 A[2] flexpwm0 A[3] VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR R flexpwm0 X[2] flexpwm0 X[3] flexpwm0 A[1] VSS_ HV_IO VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR T flexpwm0 B[3] flexpwm1 A[0] flexpwm1 A[1] VDD_ HV_IO VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR U flexpwm1 B[0] flexpwm1 B[1] flexpwm1 A[2] dspi2 SCK VDD_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR VSS_ LV_COR V VDD_ HV_OSC VDD_ HV_IO flexpwm1 B[2] dspi1 CS2 VDD_ LV_COR VDD_ LV_COR VDD_ LV_COR VDD_ LV_COR VDD_ LV_COR VDD_ LV_COR VDD_ LV_COR W XTALIN VSS_ HV_IO dspi0 CS3 VSS_ LV_PLL Y VSS_ HV_OSC RESET dspi0 CS2 VDD_ LV_PLL flexpwm1 X[0] adc3 AN[0] adc2_adc3 AN[11] adc2_adc3 AN[14] etimer1 ETC[1] etimer1 ETC[2] etimer1 ETC[3] VSS_ HV_IO AA XTALOUT FCCU_ F[0] VSS_ HV_IO dspi1 CS3 flexpwm1 X[1] adc3 AN[1] adc2_adc3 AN[12] adc2 AN[0] VDD_ HV_ADV VSS_ HV_ADV adc0 AN[2] adc0 AN[5] AB VSS_ HV_IO VDD_ HV_IO dspi2 SOUT flexpwm1 X[2] flexpwm1 X[3] adc3 AN[2] adc2_adc3 AN[13] adc2 AN[1] adc2 AN[2] adc0 AN[0] adc0 AN[4] adc0 AN[6] AC VSS_ HV_IO VSS_ HV_IO dspi2 SIN flexpwm1 A[3] flexpwm1 B[3] adc3 AN[3] VDD_HV_ ADR_23 VSS_HV_ ADR_23 adc2 AN[3] adc0 AN[1] adc0 AN[3] VDD_ HV_ADR_0 123 456789 10 11 12 |