| データシートサーチシステム |
|
TLE42754D データシート(PDF) 24 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE42754D データシート(HTML) 24 Page - Infineon Technologies AG |
|
24 / 26 page ![]() TLE42754 Package Outlines Data Sheet 24 Rev. 1.1, 2008-09-24 Figure 9 PG-SSOP-14 exposed pad Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). PG-SSOP-14-1,-2,-3-PO V02 1 7 14 8 14 17 8 14x 0.25±0.05 2) M 0.15 D C A-B 0.65 C 0.08 C A B 4.9±0.1 1) A-B C 0.1 2x 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Does not include dambar protrusion Bottom View ±0.2 3 0.2 ±0.2 D 6 M D 8x 0.64 ±0.25 3.9±0.1 1) 0.35 x 45˚ 0.1 CD Index Marking Exposed Diepad You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm |