| データシートサーチシステム |
|
MSMLG10A データシート(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
MSMLG10A データシート(HTML) 1 Page - Microsemi Corporation |
|
1 / 4 page ![]() TECHNICAL DATA SHEET Gort Road Business Park, Ennis, Co. Clare, Ireland. 6 Lake Street, Lawrence, MA 01841 Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298 Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803 Website: http://www.microsemi.com RF01003 Rev A, June 2010 High Reliability Product Group Page 1 of 4 DEVICES MSMLJ5.0A thru MSMLJ170CA, e3 and MSMLG5.0A thru MSMLG170CA, e3 LEVELS M, MA, MX, MXL FEATURES High reliability controlled devices with wafer fabrication and assembly lot traceability 100 % surge tested devices Optional upscreening available by replacing the M prefix with MA, MX or MXL. These prefixes specify various screening and conformance inspection options based on MIL-PRF-19500. Refer to MicroNote 129 for more details on the screening options. Axial-lead equivalent packages for thru-hole mounting available as M5KP5.0A to M5KP110CA with 5000 W rating, (consult factory for other surface mount options) Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B RoHS compliant devices avai lable by adding an “e3” suffix 3σ lot norm screening performed on Standby Current I D APPLICATIONS / BENEFITS Suppresses transients up to 3000 watts @ 10/1000 µs Protection from switching transients and induced RF Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4 Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance: o Class 1 & 2: MSML5.0A to MSML 170ACA o Class 3: MSML5.0A to MSML150CA o Class 4: MSML5.0A to MSML75CA Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance: o Class 1: MSML5.0A to MSML170CA o Class 2: MSML5.0A to MSML90CA o Class 3: MSML5.0A to MSML48CA o Class 4: MSML5.0A to MSML24CA Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance: o Class 2: MSML5.0A to MSML43CA o Class 3: MSML5.0A to MSML22CA o Class 4: MSML5.0A to MSML10CA MAXIMUM RATINGS Peak Pulse Power dissipation at 25 ºC: 3000 watts at 10/1000 μs (also see Figures 1,2, and 3) with impulse repetition rate (duty factor) of 0.01 % or less tclamping (0 V to VBR min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional Operating and Storage temperature: -65 ºC to +150 ºC Thermal resistance: 17.5 ºC/W junction to lead, or 77.5 ºC/W junction to ambient when mounted on FR4 PC board (1 oz Cu) with recommended footprint Steady-State Power dissipation: 6 watts at TL = 45 ºC, or 1.61 watts at TA = 25 ºC when mounted on FR4 PC board with recommended footprint (see page 2) Forward Surge at 25 ºC: 200 Amps peak impulse of 8.3 ms half-sine wave (unidirectional only) Solder temperatures: 260 ºC for 10 s (maximum) SURFACE MOUNT 3000 Watt Transient Voltage Suppressor - High Reliability controlled devices - Unidirectional (A) and Bidirectional (CA) construction - Available in both J-bend and Gull-wing terminations - Selections for 5.0 to 170 V standoff voltages (VWM) |
同様の部品番号 - MSMLG10A |
|
同様の説明 - MSMLG10A |