| データシートサーチシステム |
|
MSMLG10A データシート(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
MSMLG10A データシート(HTML) 2 Page - Microsemi Corporation |
|
2 / 4 page ![]() TECHNICAL DATA SHEET Gort Road Business Park, Ennis, Co. Clare, Ireland. 6 Lake Street, Lawrence, MA 01841 Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298 Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803 Website: http://www.microsemi.com ___________________________________________________________________________________________________________________________________ RF01003 Rev A, June 2010 High Reliability Product Group Page 2 of 4 MECHANICAL AND PACKAGING Void-free transfer molded thermosetting epoxy body meeting UL94V-0 Gull-wing or J-bend tin-lead (90 % Sn, 10 % Pb) or RoHS (100 % Sn) compliant annealed matte-tin plating solderable per MIL-STD-750, method 2026 Cathode indicated by band. No cathode band on bi-directional devices. Part number marked on package Available in bulk or custom tape-and-reel packaging TAPE-AND-REEL option available with up to 750 per 7 inch reel or up to 2500 per 13 inch reel EIA-481-B with 16 mm tape. Add “TR” suffix to part number. Weight: 0.25 gram (approximately) PACKAGE DIMENSIONS PAD LAYOUT DIMENSIONS IN INCHES A B C D E F K L MIN .115 .260 .220 .305 .077 .380 .025 .030 MAX .121 .280 .245 .320 .104 .400 .040 .060 DIMENSIONS IN MILLIMETERS MIN 2.92 6.60 5.59 7.75 1.95 9.65 0.635 .760 MAX 3.07 7.11 6.22 8.13 2.65 10.16 1.016 1.520 Typical Standoff Height: 0.004” – 0.008” (0.1mm – 0.2mm) INCHES mm A 0.390 9.90 B 0.110 2.79 C 0.150 3.81 INCHES mm A 0.510 12.95 B 0.110 2.79 C 0.150 3.81 SYMBOLS & DEFINITIONS Symbol Definition Symbol Definition VWM Working Peak (Standoff) Voltage IPP Peak Pulse Current PPP Peak Pulse Power VC Clamping Voltage VBR Breakdown Voltage IBR Breakdown Current for VBR ID Standby Current (DO-214AB) (DO-215AB) (SMLJ) (SMLG) SMLJ (DO-214AB) SMLG (DO-215AB) |