データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY14MB064J データシート(PDF) 8 Page - Cypress Semiconductor

部品番号 CY14MB064J
部品情報  64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14MB064J データシート(HTML) 8 Page - Cypress Semiconductor

Back Button CY14MB064J Datasheet HTML 4Page - Cypress Semiconductor CY14MB064J Datasheet HTML 5Page - Cypress Semiconductor CY14MB064J Datasheet HTML 6Page - Cypress Semiconductor CY14MB064J Datasheet HTML 7Page - Cypress Semiconductor CY14MB064J Datasheet HTML 8Page - Cypress Semiconductor CY14MB064J Datasheet HTML 9Page - Cypress Semiconductor CY14MB064J Datasheet HTML 10Page - Cypress Semiconductor CY14MB064J Datasheet HTML 11Page - Cypress Semiconductor CY14MB064J Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CY14MB064J
CY14ME064J
Document #: 001- 65051 Rev. *B
Page 8 of 31
Memory Control Register
The Memory Control Register contains the following bits:
BP1:BP0: Block Protect bits are used to protect 1/4, 1/2 or full
memory array. These bits can be written through a write
instruction to the 0x00 location of the Control Register Slave
device. However, any STORE cycle causes transfer of SRAM
data into a nonvolatile cell regardless of whether or not the
block is protected. The default value shipped from the factory
for BP0 and BP1 is ‘0’.
SNL (S/N Lock) Bit: Serial Number Lock bit (SNL) is used to lock
the serial number. Once the bit is set to ‘1’, the serial number
registers are locked and no modification is allowed. This bit
cannot be cleared to ‘0’. The serial number is secured on the next
STORE operation (Software STORE or AutoStore). If AutoStore
is not enabled, user must perform the Software STORE
operation to secure the lock bit status. If a STORE was not
performed, the serial number lock bit will not survive the power
cycle. The default value shipped from the factory for SNL is ‘0’.
Command Register
The Command Register resides at address “AA” of the Control
Registers Slave device. This is a write only register. The byte
written to this register initiates a STORE, RECALL, AutoStore
Enable, AutoStore Disable and sleep mode operation as listed in
Table 5. Refer to Serial Number on page 16 for details on how to
execute a command register byte.
STORE: Initiates nvSRAM Software STORE. The nvSRAM
cannot be accessed for tSTORE time after this instruction has
been executed. When initiated, the device performs a STORE
operation regardless of whether a write has been performed
since the last NV operation. After the tSTORE cycle time is
completed, the SRAM is activated again for read/write
operations.
RECALL: Initiates nvSRAM Software RECALL. The nvSRAM
cannot be accessed for tRECALL time after this instruction has
been executed. The RECALL operation does not alter the data
in the nonvolatile elements. A RECALL may be initiated in two
ways: Hardware RECALL, initiated on power-up; and Software
RECALL, initiated by a I2C RECALL instruction.
ASENB: Enables nvSRAM AutoStore. The nvSRAM cannot be
accessed for tSS time after this instruction has been executed.
This setting is not nonvolatile and needs to be followed by a
manual STORE sequence if this is desired to survive power
cycle. The part comes from the factory with AutoStore Enabled.
ASDISB: Disables nvSRAM AutoStore. The nvSRAM cannot
be accessed for tSS time after this instruction has been
executed. This setting is not nonvolatile and needs to be
followed by a manual STORE sequence if this is desired to
survive the power cycle.
Note If AutoStore is disabled and VCAP is not required, it is
required that the VCAP pin is left open. VCAP pin must never be
connected to ground. Power-Up RECALL operation cannot be
disabled in any case.
SLEEP: SLEEP instruction puts the nvSRAM in a sleep mode.
When the SLEEP instruction is registered, the nvSRAM
performs a STORE operation to secure the data to nonvolatile
memory and then enters into sleep mode. Whenever nvSRAM
enters into sleep mode, it initiates non volatile STORE cycle
which results in losing an endurance cycle per sleep command
execution. A STORE cycle starts only if a write to the SRAM
has been performed since the last STORE or RECALL cycle.
Table 2. Control Registers map
Address
Description Read/Write
Details
0x00
Memory
Control
Register
Read/Write Contains Block
Protect Bits and Serial
Number Lock bit
0x01
Serial Number
8 Bytes
Read/Write
(Read only
when SNL
is set)
Programmable Serial
Number. Locked by
setting the Serial
Number lock bit in the
Memory Control
Register to ‘1’.
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
Device ID
Read only Device ID is factory
programmed
0x0A
0x0B
0x0C
0x0D
Reserved
Reserved Reserved
0xAA
Command
Register
Write only Allows commands for
STORE, RECALL,
AutoStore
Enable/Disable,
SLEEP Mode
Table 3. Memory Control Register Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0SNL
(0)
0
0
BP1
(0)
BP0
(0)
00
Table 4. Block Protection
Level
BP1:BP0
Block Protection
000
None
1/4
01
0x1800-0x1FFF
1/2
10
0x1000-0x1FFF
1
11
0x0000-0x1FFF
Table 5. Command Register bytes
Data Byte
[7:0]
Command
Description
0011 1100
STORE
STORE SRAM data to nonvolatile
memory
0110 0000
RECALL
RECALL data from nonvolatile
memory to SRAM
0101 1001
ASENB
Enable AutoStore
0001 1001
ASDISB
Disable AutoStore
1011 1001
SLEEP
Enter Sleep Mode for low power
consumption
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com