| データシートサーチシステム |
|
FULLFLEX データシート(PDF) 16 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
FULLFLEX データシート(HTML) 16 Page - Cypress Semiconductor |
|
16 / 52 page ![]() FullFlex Document Number: 38-06082 Rev. *K Page 16 of 52 Figure 7. Counter, Mask, and Mirror Logic Block Diagram Figure 7 shows the counter, mask, and mirror logic block diagram. [32] Note 32. The CYD36S18V18 device has 21 address bits. The CYD36S36V18 and CYD18S18V18 devices have 20 address bits. The CYD36S72V18, CYD18S36V18, and CYD09S18V18 devices have 19 address bits. The CYD18S72V18 and CYD09S36V18 devices have 18 address bits. The CYD09S72V18 device has 17 address bits. The CYD02S36V18 has 16 address bits. From Mask Register Mirror Counter Address Decode RAM Array Wrap 1 0 Increment Logic 1 0 +1 +2 1 0 Wrap Detect From Mask From Counter To Coun- ter Bit 0 and 1 Wrap 20 20 20 20 20 1 0 Load/Increment CNT/MSK CNTEN A CNTRST C Decode Logic A Mask Register Counter/ Address Register From Address Lines To Readback and Address Decode 20 20 MRST RET +4 [+] Feedback |